Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0389690002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0389690002
Description  12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 2 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0389690002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0389690002 Datasheet HTML 1Page - Molex Electronics Ltd. 0389690002 Datasheet HTML 2Page - Molex Electronics Ltd. 0389690002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0389690002
Status:
Active
Description:
12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 2
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38969
Application
Wire-to-Board
Component Type
One Piece
Product Name
TSE
Type
Barrier Strip
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Entry Angle
90° Angle
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.157 In
PC Tail Length (mm)
4.00 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.500 In
Pitch - Mating Interface (mm)
12.70 mm
Pitch - Term. Interface (in)
0.500 In
Pitch - Term. Interface (mm)
12.70 mm
Polarized to Mating Part
Yes
Shrouded
Tri-Barrier
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +120°C
Wire Size AWG
10, 12, 14, 16, 18, 20, 8
Electrical
Current - Maximum per Contact
50A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-38969-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38969Series
Mates With
N/A
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0389690002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0389690003 MOLEX5-0389690003 Datasheet
157Kb / 3P
   12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 3 Circuits
0389690004 MOLEX5-0389690004 Datasheet
157Kb / 3P
   12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 4 Circuits
0389690005 MOLEX5-0389690005 Datasheet
157Kb / 3P
   12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 5 Circuits
0389690006 MOLEX5-0389690006 Datasheet
157Kb / 3P
   12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 6 Circuits
0389690007 MOLEX5-0389690007 Datasheet
157Kb / 3P
   12.70mm (.250") Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com