Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0387207515 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0387207515
Description  9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0387207515 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0387207515 Datasheet HTML 1Page - Molex Electronics Ltd. 0387207515 Datasheet HTML 2Page - Molex Electronics Ltd. 0387207515 Datasheet HTML 3Page - Molex Electronics Ltd. 0387207515 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
72515-C-50
Reference - Drawing Numbers
Product Specification
PS-38710-001
Sales Drawing
SD-38720-002
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0387207515

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0387207510 MOLEX5-0387207510 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 10 Circuits
0387207511 MOLEX5-0387207511 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 11 Circuits, with Screw Clamp Washer
0387207512 MOLEX5-0387207512 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 12 Circuits
0387207513 MOLEX5-0387207513 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 13 Circuits
0387207514 MOLEX5-0387207514 Datasheet
294Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com