Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0366330033 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0366330033
Description  4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 2 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0366330033 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0366330033 Datasheet HTML 1Page - Molex Electronics Ltd. 0366330033 Datasheet HTML 2Page - Molex Electronics Ltd. 0366330033 Datasheet HTML 3Page - Molex Electronics Ltd. 0366330033 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0366330033
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Mini-Fit Jr.™ Header, Vertical, Nylon, without Flange, 2 Circuits, Tin
(Sn) over Nickel (Ni) Plating, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87427
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (Loaded)
2
Color - Resin
Beige
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87427Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 0366330033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0366330034 MOLEX5-0366330034 Datasheet
239Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 4 Circuits
0366330035 MOLEX5-0366330035 Datasheet
239Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 6 Circuits, Tin (Sn) over Nickel (Ni) Plating, Lead free
0366330036 MOLEX5-0366330036 Datasheet
239Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 8 Circuits
0366330037 MOLEX5-0366330037 Datasheet
239Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 12Circuits
0366330038 MOLEX5-0366330038 Datasheet
239Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 14Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com