Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0354216802 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0354216802
Description  Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25mm짼 (.020-.050")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0354216802 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0354216802 Datasheet HTML 1Page - Molex Electronics Ltd. 0354216802 Datasheet HTML 2Page - Molex Electronics Ltd. 0354216802 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0354216802
Status:
Active
Description:
Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25mm² (.020-.050")
Documents:
Drawing (PDF)
Product Specification PS-35385-001 (PDF)
Product Specification PS-35282-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
35421
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.60mm (.102") max.
Wire Size AWG
16, 18
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35282-001, PS-35385-001
Sales Drawing
SD-35421-001, SD-35421-6*02
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35421Series
Mates With
35420
Use With
35378 , 35374
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0354216802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354216102 MOLEX5-0354216102 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.30-0.50짼; (.012-.050), Use With 35382 Hybrid Housing
0354216202 MOLEX5-0354216202 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25짼; (.012-.050), Use With 35382 Hybrid Housing
0354216302 MOLEX5-0354216302 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f, Use With 35382 Hybrid Housing
0354216702 MOLEX5-0354216702 Datasheet
131Kb / 3P
   Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Open Barrel, Pre Tin Plating
0354216902 MOLEX5-0354216902 Datasheet
131Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com