Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0357255110 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0357255110
Description  6.35mm (.250") Tab Slip-On Wire-to-Wire Terminal, Female, 18-14 AWG, Tin-Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357255110 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0357255110 Datasheet HTML 1Page - Molex Electronics Ltd. 0357255110 Datasheet HTML 2Page - Molex Electronics Ltd. 0357255110 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357255110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357255210 MOLEX5-0357255210 Datasheet
125Kb / 2P
   6.35mm (.250") Tab Slip-On Wire-to-Wire Terminal, Female, 14-12 AWG, Tin-Plated
0357255510 MOLEX5-0357255510 Datasheet
118Kb / 2P
   Flag Quick Disconnect, Female, for 14-16 AWG (2.08-1.31mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Left Angle Open Barrel, Post Tin Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com