Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35960-0100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35960-0100
Description  6.35mm (250") Tab Wire-to-Board Header, 1 Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35960-0100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35960-0100 Datasheet HTML 1Page - Molex Electronics Ltd. 35960-0100 Datasheet HTML 2Page - Molex Electronics Ltd. 35960-0100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0359600100
Status:
Planned for Obsolescence
Description:
6.35mm (250") Tab Wire-to-Board Header, 1 Circuit
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
35960
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
1
Circuits (maximum)
1
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Plating Mating
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.157 In
PC Tail Length (mm)
4.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
25A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35960Series
Mates With
35196 MP-Lock™ Housing
Use With
35072 MP-Lock™ Quick Disconnect


Similar Part No. - 35960-0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35960-0300 MOLEX5-35960-0300 Datasheet
98Kb / 3P
   8.30/10.00mm (.327/.394") Pitch Wire-to-Board Header, Vertical, 6.35mm (.250") Tab, 3 Circuits
35960-0300 MOLEX11-35960-0300 Datasheet
40Kb / 2P
   8.30/10.00mm Pitch Wire-to-Board Header, Vertical, 6.35mm Tab, 3 Circuits, White
35960-0302 MOLEX5-35960-0302 Datasheet
97Kb / 2P
   8.30/10.00mm (.327/.394") Pitch Wire-to-Board Header, Vertical, 6.35mm (.250") Tab, 3 Circuits
35960-0302 MOLEX11-35960-0302 Datasheet
40Kb / 1P
   8.30/10.00mm Pitch Wire-to-Board Header, Vertical, 6.35mm Tab, 3 Circuits, Red
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com