Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

357252411 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 357252411
Description  Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

357252411 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  357252411 Datasheet HTML 1Page - Molex Electronics Ltd. 357252411 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357252411
Status:
Active
Description:
Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm²) Wire, Metal Strip, Tab
6.35 by 0.81mm (.250 by .032"), Slip-On Type with Slot, Post Tin Plating, High Tension
Type
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35703-001 (PDF)
Agency Certification
UL
E92853
General
Product Family
Quick Disconnects
Series
35725
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
Yes
Material - Metal
Brass
Orientation
Straight
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-40°C to +120°C
Wire Insulation Diameter
3.81mm (.150") max.
Wire Size AWG
14, 16, 18
Wire Size mm²
0.80 - 2.00
Electrical
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35703-001
Sales Drawing
SD-35725-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35725Series
Use With
6.35mm (.250") Tab
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 357252411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
357252410 MOLEX5-357252410 Datasheet
133Kb / 2P
   Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼;) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com