Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90160 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 90160
Description  3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

90160 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  90160 Datasheet HTML 1Page - Molex Electronics Ltd. 90160 Datasheet HTML 2Page - Molex Electronics Ltd. 90160 Datasheet HTML 3Page - Molex Electronics Ltd. 90160 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 90160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90160-0108 MOLEX10-90160-0108 Datasheet
169Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 8 Circuits
90160-0110 MOLEX10-90160-0110 Datasheet
169Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 10 Circuits
90160-0110 MOLEX11-90160-0110 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 10 Circuits
90160-0112 MOLEX10-90160-0112 Datasheet
169Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 12 Circuits
90160-0114 MOLEX10-90160-0114 Datasheet
169Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com