Electronic Components Datasheet Search |
|
0430451021 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0430451021 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0430451021 Status: Active Overview: microfit_30 Description: 3.00mm (.118") Pitch Micro-Fit 3.0™ Header, Surface Mount Compatible, Dual Row, Right Angle, with Press-fit Metal Retention Clip, 10 Circuits, Tin (Sn) Plating, Glow Wire Compatible Documents: 3D Model Product Specification PS-43045 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family PCB Headers Series 43045 Application Wire-to-Board Comments High Temperature|Square Pin|Solder Type Overview microfit_30 Product Literature Order No USA-106 Product Name Micro-Fit 3.0™ Physical Breakaway No Circuits (Loaded) 10 Circuits (maximum) 10 Color - Resin Black Durability (mating cycles max) 30 Flammability 94V-0 Glow-Wire Compliant Yes Mated Height (in) 0.396 In Mated Height (mm) 10.06 mm Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.118 In Pitch - Mating Interface (mm) 3.00 mm Plating min: Mating (µin) 100 Plating min: Mating (µm) 2.50 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.50 Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 43045Series Mates With 43025 |
Similar Part No. - 0430451021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |