Electronic Components Datasheet Search |
|
RN5VS15CC-TR Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
RN5VS15CC-TR Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 30 page LOW VOLTAGE DETECTOR RN5VS SERIES OUTLINE The RN5VS Series are voltage detector ICs with high detector threshold accuracy and ultra-low supply current by CMOS process, which can be operated at an extremely low voltage and is used, for instance, for system reset. Each of these ICs consists of a voltage reference unit, a comparator, resistors for voltage detection, an output driver and a hysteresis circuit. The detector threshold is fixed with high accuracy. The RN5VS Series are operable by a lower voltage than that for the R ×5VL Series, and can be driven by a sin- gle battery. Two output types, Nch open drain type and CMOS type, are available. Since the package for these ICs are SOT-23-5 (Mini-mold) package, high density mounting of the ICs on board is possible. • Ultra-low Supply Current ............................TYP. 0.8µA (VDD=1.5V) • Broad Operating Voltage Range .................. 0.7V to 10.0V (Topt =25˚C) • Detector Threshold........................................Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible (refer to Selection Guide). • High Accuracy Detector Threshold..............±3.0% • Low Temperature-Drift Coefficien of Detector Threshold..............TYP. ±100ppm/˚C • Two Output Types.........................................Nch Open Drain and CMOS • Packages.........................................................SOT-23-5 (Mini-mold) FEATURES APPLICATIONS • CPU & Logic Circuit Reset • Battery Checker • Window Comparator • Wave Shaping Circuit • Battery Back-Up Circuit • Power Failure Detector |
Similar Part No. - RN5VS15CC-TR |
|
Similar Description - RN5VS15CC-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |