Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395224122 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395224122
Description  5.00mm (.197") Pitch Eurostyle Horizontal PCB Header, Surface Mount Compatible, 10 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395224122 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395224122 Datasheet HTML 1Page - Molex Electronics Ltd. 395224122 Datasheet HTML 2Page - Molex Electronics Ltd. 395224122 Datasheet HTML 3Page - Molex Electronics Ltd. 395224122 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.0mm, Euro Header, Right Angle, High Temp
2
395224002
395224102
395224202
395224502
395224602
395224702
395229002
395229102
395229202
395229502
395229602
395229702
12.00
0.472
5.00
0.197
5.0mm, Euro Header, Right Angle, High Temp
3
395224003
395224103
395224203
395224503
395224603
395224703
395229003
395229103
395229203
395229503
395229603
395229703
17.00
0.669
10.00
0.394
5.0mm, Euro Header, Right Angle, High Temp
4
395224004
395224104
395224204
395224504
395224604
395224704
395229004
395229104
395229204
395229504
395229604
395229704
22.00
0.866
15.00
0.591
5.0mm, Euro Header, Right Angle, High Temp
5
395224005
395224105
395224205
395224505
395224605
395224705
395229005
395229105
395229205
395229505
395229605
395229705
27.00
1.063
20.00
0.787
5.0mm, Euro Header, Right Angle, High Temp
6
395224006
395224106
395224206
395224506
395224606
395224706
395229006
395229106
395229206
395229506
395229606
395229706
32.00
1.260
25.00
0.984
5.0mm, Euro Header, Right Angle, High Temp
7
395224007
395224107
395224207
395224507
395224607
395224707
395229007
395229107
395229207
395229507
395229607
395229707
37.00
1.457
30.00
1.181
5.0mm, Euro Header, Right Angle, High Temp
8
395224008
395224108
395224208
395224508
395224608
395224708
395229008
395229108
395229208
395229508
395229608
395229708
42.00
1.654
35.00
1.378
5.0mm, Euro Header, Right Angle, High Temp
9
395224009
395224109
395224209
395224509
395224609
395224709
395229009
395229109
395229209
395229509
395229609
395229709
47.00
1.850
40.00
1.575
5.0mm, Euro Header, Right Angle, High Temp
10
395224010
395224110
395224210
395224510
395224610
395224710
395229010
395229110
395229210
395229510
395229610
395229710
52.00
2.047
45.00
1.772
5.0mm, Euro Header, Right Angle, High Temp
11
395224011
395224111
395224211
395224511
395224611
395224711
395229011
395229111
395229211
395229511
395229611
395229711
57.00
2.244
50.00
1.969
5.0mm, Euro Header, Right Angle, High Temp
12
395224012
395224112
395224212
395224512
395224612
395224712
395229012
395229112
395229212
395229512
395229612
395229712
62.00
2.441
55.00
2.165
5.0mm, Euro Header, Right Angle, High Temp
13
395224013
395224113
395224213
395224513
395224613
395224713
395229013
395229113
395229213
395229513
395229613
395229713
67.00
2.638
60.00
2.362
5.0mm, Euro Header, Right Angle, High Temp
14
395224014
395224114
395224214
395224514
395224614
395224714
395229014
395229114
395229214
395229514
395229614
395229714
72.00
2.835
65.00
2.559
5.0mm, Euro Header, Right Angle, High Temp
15
395224015
395224115
395224215
395224515
395224615
395224715
395229015
395229115
395229215
395229515
395229615
395229715
77.00
3.031
70.00
2.756
5.0mm, Euro Header, Right Angle, High Temp
16
395224016
395224116
395224216
395224516
395224616
395224716
395229016
395229116
395229216
395229516
395229616
395229716
82.00
3.228
75.00
2.953
5.0mm, Euro Header, Right Angle, High Temp
17
395224017
395224117
395224217
395224517
395224617
395224717
395229017
395229117
395229217
395229517
395229617
395229717
87.00
3.425
80.00
3.150
5.0mm, Euro Header, Right Angle, High Temp
18
395224018
395224118
395224218
395224518
395224618
395224718
395229018
395229118
395229218
395229518
395229618
395229718
92.00
3.622
85.00
3.346
5.0mm, Euro Header, Right Angle, High Temp
19
395224019
395224119
395224219
395224519
395224619
395224719
395229019
395229119
395229219
395229519
395229619
395229719
97.00
3.819
90.00
3.543
5.0mm, Euro Header, Right Angle, High Temp
20
395224020
395224120
395224220
395224520
395224620
395224720
395229020
395229120
395229220
395229520
395229620
395229720
102.00
4.016
95.00
3.740
5.0mm, Euro Header, Right Angle, High Temp
21
395224021
395224121
395224221
395224521
395224621
395224721
395229021
395229121
395229221
395229521
395229621
395229721
107.00
4.213
100.00
3.937
5.0mm, Euro Header, Right Angle, High Temp
22
395224022
395224122
395224222
395224522
395224622
395224722
395229022
395229122
395229222
395229522
395229622
395229722
112.00
4.409
105.00
4.134
5.0mm, Euro Header, Right Angle, High Temp
23
395224023
395224123
395224223
395224523
395224623
395224723
395229023
395229123
395229223
395229523
395229623
395229723
117.00
4.606
110.00
4.331
5.0mm, Euro Header, Right Angle, High Temp
24
395224024
395224124
395224224
395224524
395224624
395224724
395229024
395229124
395229224
395229524
395229624
395229724
122.00
4.803
115.00
4.528


Similar Part No. - 395224122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395224002 MOLEX5-395224002 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 2 Circuits
395224003 MOLEX5-395224003 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 3 Circuits
395224004 MOLEX5-395224004 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 4 Circuits
395224005 MOLEX5-395224005 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 5 Circuits
395224006 MOLEX5-395224006 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com