Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB2516 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KB2516 Datasheet HTML 5Page - Samsung semiconductor KB2516 Datasheet HTML 6Page - Samsung semiconductor KB2516 Datasheet HTML 7Page - Samsung semiconductor KB2516 Datasheet HTML 8Page - Samsung semiconductor KB2516 Datasheet HTML 9Page - Samsung semiconductor KB2516 Datasheet HTML 10Page - Samsung semiconductor KB2516 Datasheet HTML 11Page - Samsung semiconductor KB2516 Datasheet HTML 12Page - Samsung semiconductor KB2516 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
KB2516 (Preliminary)
9
Table 1. Pin Description (Continued)
No
Name
Description
68
B_OUTB2
Blue channel ADC digital output B bit 2
69
B_OUTB1
Blue channel ADC digital output B bit 1
70
B_OUTB0
Blue channel ADC digital output B bit 0
71
VSSR_BA
Blue channel ADC output A driver power supply (0V)
72
VDDR_BA
Blue channel ADC output A driver power supply (3.3V)
73
B_OUTA7
Blue channel ADC digital output A bit 7
74
B_OUTA6
Blue channel ADC digital output A bit 6
75
B_OUTA5
Blue channel ADC digital output A bit 5
76
B_OUTA4
Blue channel ADC digital output A bit 4
77
B_OUTA3
Blue channel ADC digital output A bit 3
78
B_OUTA2
Blue channel ADC digital output A bit 2
79
B_OUTA1
Blue channel ADC digital output A bit 1
80
B_OUTA0
Blue channel ADC digital output A bit 0
81
VSSR_GB
Green channel ADC output B driver power supply (0V)
82
VDDR_GB
Green channel ADC output B driver power supply (3.3V)
83
G_OUTB7
Green channel ADC digital output B bit 7
84
G_OUTB6
Green channel ADC digital output B bit 6
85
G_OUTB5
Green channel ADC digital output B bit 5
86
G_OUTB4
Green channel ADC digital output B bit 4
87
G_OUTB3
Green channel ADC digital output B bit 3
88
G_OUTB2
Green channel ADC digital output B bit 2
89
G_OUTB1
Green channel ADC digital output B bit 1
90
G_OUTB0
Green channel ADC digital output B bit 0
91
G_OUTA7
Green channel ADC digital output A bit 7
92
G_OUTA6
Green channel ADC digital output A bit 6
93
G_OUTA5
Green channel ADC digital output A bit 5
94
G_OUTA4
Green channel ADC digital output A bit 4
95
G_OUTA3
Green channel ADC digital output A bit 3
96
G_OUTA2
Green channel ADC digital output A bit 2
97
G_OUTA1
Green channel ADC digital output A bit 1
98
G_OUTA0
Green channel ADC digital output A bit 0
99
VSSR_GA
Green channel ADC output A driver power supply (0V)
100
VDDR_GA
Green channel ADC output A driver power supply (3.3V)
101
R_OUTB7
Red channel ADC digital output B bit 7
102
R_OUTB6
Red channel ADC digital output B bit 6


Similar Part No. - KB2516

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - KB2516

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
logo
NXP Semiconductors
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com