Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395340212 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 395340212
Description  5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395340212 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  395340212 Datasheet HTML 1Page - Molex Electronics Ltd. 395340212 Datasheet HTML 2Page - Molex Electronics Ltd. 395340212 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395340005
Status:
Active
Description:
5.08mm (.200") Pitch Eurostyle™ Horizontal Plug, with Retention Screws, 5 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39534
Application
Wire-to-Board
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
5
Entry Angle
Vertical
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length (in)
0.200 In
PC Tail Length (mm)
5.08 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.200 In
Pitch - Mating Interface (mm)
5.08 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39534-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39534Series
Mates With
Most 5.08mm (.200") Pitch Industry
Standard PCB Headers, 39535 Vertical
PCB Header with Threaded Retention
Inserts, 39536 Horizontal PCB Header with
Threaded Retention Inserts
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 395340212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395340002 MOLEX5-395340002 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 2 Circuits
395340003 MOLEX5-395340003 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 3 Circuits
395340004 MOLEX5-395340004 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 4 Circuits
395340006 MOLEX5-395340006 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 6 Circuits
395340007 MOLEX5-395340007 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com