Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395935109 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395935109
Description  5.00mm (.197") Pitch Eurostyle??Horizontal Fixed Mount PCB Terminal Block, 5 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395935109 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395935109 Datasheet HTML 1Page - Molex Electronics Ltd. 395935109 Datasheet HTML 2Page - Molex Electronics Ltd. 395935109 Datasheet HTML 3Page - Molex Electronics Ltd. 395935109 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers Molded to Length
Material Numbers Stackable
Black
Green
Black
Green
100% Tin
100% Tin
100% Tin
100% Tin
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.0mm, Euro Block, PCMount, Right Angle
2
395433102
395435102
395437102
395933102
395935102
395937102
395434502
395436502
395438502
395934502
395936502
395938502
10.00
0.394
5.00
0.197
5.0mm, Euro Block, PCMount, Right Angle
3
395433103
395435103
395437103
395933103
395935103
395937103
395434503
395436503
395438503
395934503
395936503
395938503
15.00
0.591
10.00
0.394
5.0mm, Euro Block, PCMount, Right Angle
4
395433104
395435104
395437104
395933104
395935104
395937104
N/A
N/A
N/A
N/A
N/A
N/A
20.00
0.787
15.00
0.591
5.0mm, Euro Block, PCMount, Right Angle
5
395433105
395435105
395437105
395933105
395935105
395937105
N/A
N/A
N/A
N/A
N/A
N/A
25.00
0.984
20.00
0.787
5.0mm, Euro Block, PCMount, Right Angle
6
395433106
395435106
395437106
395933106
395935106
395937106
N/A
N/A
N/A
N/A
N/A
N/A
30.00
1.181
25.00
0.984
5.0mm, Euro Block, PCMount, Right Angle
7
395433107
395435107
395437107
395933107
395935107
395937107
N/A
N/A
N/A
N/A
N/A
N/A
35.00
1.378
30.00
1.181
5.0mm, Euro Block, PCMount, Right Angle
8
395433108
395435108
395437108
395933108
395935108
395937108
N/A
N/A
N/A
N/A
N/A
N/A
40.00
1.575
35.00
1.378
5.0mm, Euro Block, PCMount, Right Angle
9
395433109
395435109
395437109
395933109
395935109
395937109
N/A
N/A
N/A
N/A
N/A
N/A
45.00
1.772
40.00
1.575
5.0mm, Euro Block, PCMount, Right Angle
10
395433110
395435110
395437110
395933110
395935110
395937110
N/A
N/A
N/A
N/A
N/A
N/A
50.00
1.969
45.00
1.772
5.0mm, Euro Block, PCMount, Right Angle
11
395433111
395435111
395437111
395933111
395935111
395937111
N/A
N/A
N/A
N/A
N/A
N/A
55.00
2.165
50.00
1.969
5.0mm, Euro Block, PCMount, Right Angle
12
395433112
395435112
395437112
395933112
395935112
395937112
N/A
N/A
N/A
N/A
N/A
N/A
60.00
2.362
55.00
2.165
5.0mm, Euro Block, PCMount, Right Angle
13
395433113
395435113
395437113
395933113
395935113
395937113
N/A
N/A
N/A
N/A
N/A
N/A
65.00
2.559
60.00
2.362
5.0mm, Euro Block, PCMount, Right Angle
14
395433114
395435114
395437114
395933114
395935114
395937114
N/A
N/A
N/A
N/A
N/A
N/A
70.00
2.756
65.00
2.559
5.0mm, Euro Block, PCMount, Right Angle
15
395433115
395435115
395437115
395933115
395935115
395937115
N/A
N/A
N/A
N/A
N/A
N/A
75.00
2.953
70.00
2.756
5.0mm, Euro Block, PCMount, Right Angle
16
395433116
395435116
395437116
395933116
395935116
395937116
N/A
N/A
N/A
N/A
N/A
N/A
80.00
3.150
75.00
2.953
5.0mm, Euro Block, PCMount, Right Angle
17
395433117
395435117
395437117
395933117
395935117
395937117
N/A
N/A
N/A
N/A
N/A
N/A
85.00
3.346
80.00
3.150
5.0mm, Euro Block, PCMount, Right Angle
18
395433118
395435118
395437118
395933118
395935118
395937118
N/A
N/A
N/A
N/A
N/A
N/A
90.00
3.543
85.00
3.346
5.0mm, Euro Block, PCMount, Right Angle
19
395433119
395435119
395437119
395933119
395935119
395937119
N/A
N/A
N/A
N/A
N/A
N/A
95.00
3.740
90.00
3.543
5.0mm, Euro Block, PCMount, Right Angle
20
395433120
395435120
395437120
395933120
395935120
395937120
N/A
N/A
N/A
N/A
N/A
N/A
100.00 3.937
95.00
3.740
5.0mm, Euro Block, PCMount, Right Angle
21
395433121
395435121
395437121
395933121
395935121
395937121
N/A
N/A
N/A
N/A
N/A
N/A
105.00 4.134 100.00 3.937
5.0mm, Euro Block, PCMount, Right Angle
22
395433122
395435122
395437122
395933122
395935122
395937122
N/A
N/A
N/A
N/A
N/A
N/A
110.00 4.331 105.00 4.134
5.0mm, Euro Block, PCMount, Right Angle
23
395433123
395435123
395437123
395933123
395935123
395937123
N/A
N/A
N/A
N/A
N/A
N/A
115.00 4.528 110.00 4.331
5.0mm, Euro Block, PCMount, Right Angle
24
395433124
395435124
395437124
395933124
395935124
395937124
N/A
N/A
N/A
N/A
N/A
N/A
120.00 4.724 115.00 4.528


Similar Part No. - 395935109

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
395947-000 PANDUIT-395947-000 Datasheet
106Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com