Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395216403 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395216403
Description  5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395216403 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395216403 Datasheet HTML 1Page - Molex Electronics Ltd. 395216403 Datasheet HTML 2Page - Molex Electronics Ltd. 395216403 Datasheet HTML 3Page - Molex Electronics Ltd. 395216403 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.0mm, Euro Header, Vertical
2
395211002
395211302
395211402
395211502
395211802
395211902
395216002
395216302
395216402
395216502
395216802
395216902
12.00
0.472
5.00
0.197
5.0mm, Euro Header, Vertical
3
395211003
395211303
395211403
395211503
395211803
395211903
395216003
395216303
395216403
395216503
395216803
395216903
17.00
0.669
10.00
0.394
5.0mm, Euro Header, Vertical
4
395211004
395211304
395211404
395211504
395211804
395211904
395216004
395216304
395216404
395216504
395216804
395216904
22.00
0.866
15.00
0.591
5.0mm, Euro Header, Vertical
5
395211005
395211305
395211405
395211505
395211805
395211905
395216005
395216305
395216405
395216505
395216805
395216905
27.00
1.063
20.00
0.787
5.0mm, Euro Header, Vertical
6
395211006
395211306
395211406
395211506
395211806
395211906
395216006
395216306
395216406
395216506
395216806
395216906
32.00
1.260
25.00
0.984
5.0mm, Euro Header, Vertical
7
395211007
395211307
395211407
395211507
395211807
395211907
395216007
395216307
395216407
395216507
395216807
395216907
37.00
1.457
30.00
1.181
5.0mm, Euro Header, Vertical
8
395211008
395211308
395211408
395211508
395211808
395211908
395216008
395216308
395216408
395216508
395216808
395216908
42.00
1.654
35.00
1.378
5.0mm, Euro Header, Vertical
9
395211009
395211309
395211409
395211509
395211809
395211909
395216009
395216309
395216409
395216509
395216809
395216909
47.00
1.850
40.00
1.575
5.0mm, Euro Header, Vertical
10
395211010
395211310
395211410
395211510
395211810
395211910
395216010
395216310
395216410
395216510
395216810
395216910
52.00
2.047
45.00
1.772
5.0mm, Euro Header, Vertical
11
395211011
395211311
395211411
395211511
395211811
395211911
395216011
395216311
395216411
395216511
395216811
395216911
57.00
2.244
50.00
1.969
5.0mm, Euro Header, Vertical
12
395211012
395211312
395211412
395211512
395211812
395211912
395216012
395216312
395216412
395216512
395216812
395216912
62.00
2.441
55.00
2.165
5.0mm, Euro Header, Vertical
13
395211013
395211313
395211413
395211513
395211813
395211913
395216013
395216313
395216413
395216513
395216813
395216913
67.00
2.638
60.00
2.362
5.0mm, Euro Header, Vertical
14
395211014
395211314
395211414
395211514
395211814
395211914
395216014
395216314
395216414
395216514
395216814
395216914
72.00
2.835
65.00
2.559
5.0mm, Euro Header, Vertical
15
395211015
395211315
395211415
395211515
395211815
395211915
395216015
395216315
395216415
395216515
395216815
395216915
77.00
3.031
70.00
2.756
5.0mm, Euro Header, Vertical
16
395211016
395211316
395211416
395211516
395211816
395211916
395216016
395216316
395216416
395216516
395216816
395216916
82.00
3.228
75.00
2.953
5.0mm, Euro Header, Vertical
17
395211017
395211317
395211417
395211517
395211817
395211917
395216017
395216317
395216417
395216517
395216817
395216917
87.00
3.425
80.00
3.150
5.0mm, Euro Header, Vertical
18
395211018
395211318
395211418
395211518
395211818
395211918
395216018
395216318
395216418
395216518
395216818
395216918
92.00
3.622
85.00
3.346
5.0mm, Euro Header, Vertical
19
395211019
395211319
395211419
395211519
395211819
395211919
395216019
395216319
395216419
395216519
395216819
395216919
97.00
3.819
90.00
3.543
5.0mm, Euro Header, Vertical
20
395211020
395211320
395211420
395211520
395211820
395211920
395216020
395216320
395216420
395216520
395216820
395216920
102.00
4.016
95.00
3.740
5.0mm, Euro Header, Vertical
21
395211021
395211321
395211421
395211521
395211821
395211921
395216021
395216321
395216421
395216521
395216821
395216921
107.00
4.213
100.00
3.937
5.0mm, Euro Header, Vertical
22
395211022
395211322
395211422
395211522
395211822
395211922
395216022
395216322
395216422
395216522
395216822
395216922
112.00
4.409
105.00
4.134
5.0mm, Euro Header, Vertical
23
395211023
395211323
395211423
395211523
395211823
395211923
395216023
395216323
395216423
395216523
395216823
395216923
117.00
4.606
110.00
4.331
5.0mm, Euro Header, Vertical
24
395211024
395211324
395211424
395211524
395211824
395211924
395216024
395216324
395216424
395216524
395216824
395216924
122.00
4.803
115.00
4.528


Similar Part No. - 395216403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39521-0002 MOLEX11-39521-0002 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0003 MOLEX11-39521-0003 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0004 MOLEX11-39521-0004 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0005 MOLEX11-39521-0005 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
39521-0006 MOLEX11-39521-0006 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical PCB Header
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com