Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-44068-061 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-44068-061
Description  4.20mm (.165") Pitch Mini-Fit BMI??Surface Mount Compatible Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44068-061 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-44068-061 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44068-061 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44068-061 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44068-061 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0440680277
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit BMI™ Surface Mount Compatible Header, Dual Row,
Vertical, 4 Circuits, 6.35mm (.250") PCB Thickness, with Snap-In Metal Pins, PA
Polyamide Nylon 4/6, UL 94V-0, with Gold (Au) Over Nickel (Ni) Plating
Documents:
3D Model
Product Specification PS-43810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
44068
Application
Board-to-Board, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Product Name
Mini-Fit BMI™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.335 In
PC Tail Length (mm)
8.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.250 In
PCB Thickness Recommended (mm)
6.30 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30.4
Plating min: Termination (µm)
0.76
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44068Series
Mates With
15-06-0041 Mini-Fit BMI™ Panel Mount
Receptacle, 39-01-2045 Mini-Fit Jr.™
Receptacle, 15-24-7043 Mini-Fit BMI™
Receptacle Header


Similar Part No. - SD-44068-061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44068-061 MOLEX6-SD-44068-061 Datasheet
239Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Surface Mount Compatible Header
SD-44068-061 MOLEX-SD-44068-061 Datasheet
333Kb / 1P
   MINI-FIT JR BMI SMC VERTICAL HEADER ASM FOR 6.35/.250 THK PCB
2011/11/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com