Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47322-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47322-0003
Description  1.00mm (.039") Pitch ExpressCard* Ejector, Bottom Mount, Push-Push Type, for34.00mm (1.34") Width Card, Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47322-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47322-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 47322-0003 Datasheet HTML 2Page - Molex Electronics Ltd. 47322-0003 Datasheet HTML 3Page - Molex Electronics Ltd. 47322-0003 Datasheet HTML 4Page - Molex Electronics Ltd. 47322-0003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473220003
Status:
Active
Description:
1.00mm (.039") Pitch ExpressCard* Ejector, Bottom Mount, Push-Push Type, for
34.00mm (1.34") Width Card, Lead Free
Documents:
3D Model
Product Specification PS-47277-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
47322
Button Type
Push-Push
Component Type
Ejector (Host)
Product Name
ExpressCard*
Type
N/A
Physical
Card Detection Switch
N/A
Circuits (Loaded)
26
Circuits (maximum)
26
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Piano wire, Stainless Steel
PCB Locator
No
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Ports
1
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
0.75A
Shielded
Yes
Voltage - Maximum
3.3V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47322-003
Product Specification
PS-47277-001
Sales Drawing
SD-47322-001
* ExpressCard is trademark, or registered trademark of PCMCIA
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47322Series
Mates With
ExpressCard* Module
Use With
473220002
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 47322-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47322-0002 MOLEX6-47322-0002 Datasheet
314Kb / 6P
   1.00mm (.039") Pitch ExpressCard* Header, Bottom Mount, Push-Push Type, Lead Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com