Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395066618 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395066618
Description  3.50mm (.138") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395066618 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395066618 Datasheet HTML 1Page - Molex Electronics Ltd. 395066618 Datasheet HTML 2Page - Molex Electronics Ltd. 395066618 Datasheet HTML 3Page - Molex Electronics Ltd. 395066618 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Dimensional Information
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Circuit
size
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Description
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
3.5mm, Euro Header, Right Angle, Mounting Ends
2
395061002
395061102
395061202
395061502
395061602
395061702
395066002
395066102
395066202
395066502
395066602
395066702
17.30
0.681
3.50
0.138
12.10
0.476
3.5mm, Euro Header, Right Angle, Mounting Ends
3
395061003
395061103
395061203
395061503
395061603
395061703
395066003
395066103
395066203
395066503
395066603
395066703
20.80
0.819
7.00
0.276
15.60
0.614
3.5mm, Euro Header, Right Angle, Mounting Ends
4
395061004
395061104
395061204
395061504
395061604
395061704
395066004
395066104
395066204
395066504
395066604
395066704
24.30
0.957
10.50
0.413
19.10
0.752
3.5mm, Euro Header, Right Angle, Mounting Ends
5
395061005
395061105
395061205
395061505
395061605
395061705
395066005
395066105
395066205
395066505
395066605
395066705
27.80
1.094
14.00
0.551
22.60
0.890
3.5mm, Euro Header, Right Angle, Mounting Ends
6
395061006
395061106
395061206
395061506
395061606
395061706
395066006
395066106
395066206
395066506
395066606
395066706
31.30
1.232
17.50
0.689
26.10
1.028
3.5mm, Euro Header, Right Angle, Mounting Ends
7
395061007
395061107
395061207
395061507
395061607
395061707
395066007
395066107
395066207
395066507
395066607
395066707
34.80
1.370
21.00
0.827
29.60
1.165
3.5mm, Euro Header, Right Angle, Mounting Ends
8
395061008
395061108
395061208
395061508
395061608
395061708
395066008
395066108
395066208
395066508
395066608
395066708
38.30
1.508
24.50
0.965
33.10
1.303
3.5mm, Euro Header, Right Angle, Mounting Ends
9
395061009
395061109
395061209
395061509
395061609
395061709
395066009
395066109
395066209
395066509
395066609
395066709
41.80
1.646
28.00
1.102
36.60
1.441
3.5mm, Euro Header, Right Angle, Mounting Ends
10
395061010
395061110
395061210
395061510
395061610
395061710
395066010
395066110
395066210
395066510
395066610
395066710
45.30
1.783
31.50
1.240
40.10
1.579
3.5mm, Euro Header, Right Angle, Mounting Ends
11
395061011
395061111
395061211
395061511
395061611
395061711
395066011
395066111
395066211
395066511
395066611
395066711
48.80
1.921
35.00
1.378
43.60
1.717
3.5mm, Euro Header, Right Angle, Mounting Ends
12
395061012
395061112
395061212
395061512
395061612
395061712
395066012
395066112
395066212
395066512
395066612
395066712
52.30
2.059
38.50
1.516
47.10
1.854
3.5mm, Euro Header, Right Angle, Mounting Ends
13
395061013
395061113
395061213
395061513
395061613
395061713
395066013
395066113
395066213
395066513
395066613
395066713
55.80
2.197
42.00
1.654
50.60
1.992
3.5mm, Euro Header, Right Angle, Mounting Ends
14
395061014
395061114
395061214
395061514
395061614
395061714
395066014
395066114
395066214
395066514
395066614
395066714
59.30
2.335
45.50
1.791
54.10
2.130
3.5mm, Euro Header, Right Angle, Mounting Ends
15
395061015
395061115
395061215
395061515
395061615
395061715
395066015
395066115
395066215
395066515
395066615
395066715
62.80
2.472
49.00
1.929
57.60
2.268
3.5mm, Euro Header, Right Angle, Mounting Ends
16
395061016
395061116
395061216
395061516
395061616
395061716
395066016
395066116
395066216
395066516
395066616
395066716
66.30
2.610
52.50
2.067
61.10
2.406
3.5mm, Euro Header, Right Angle, Mounting Ends
17
395061017
395061117
395061217
395061517
395061617
395061717
395066017
395066117
395066217
395066517
395066617
395066717
69.80
2.748
56.00
2.205
64.60
2.543
3.5mm, Euro Header, Right Angle, Mounting Ends
18
395061018
395061118
395061218
395061518
395061618
395061718
395066018
395066118
395066218
395066518
395066618
395066718
73.30
2.886
59.50
2.343
68.10
2.681
3.5mm, Euro Header, Right Angle, Mounting Ends
19
395061019
395061119
395061219
395061519
395061619
395061719
395066019
395066119
395066219
395066519
395066619
395066719
76.80
3.024
63.00
2.480
71.60
2.819
3.5mm, Euro Header, Right Angle, Mounting Ends
20
395061020
395061120
395061220
395061520
395061620
395061720
395066020
395066120
395066220
395066520
395066620
395066720
80.30
3.161
66.50
2.618
75.10
2.957


Similar Part No. - 395066618

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39506-1002 MOLEX11-39506-1002 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39506-1003 MOLEX11-39506-1003 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39506-1004 MOLEX11-39506-1004 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39506-1005 MOLEX11-39506-1005 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39506-1006 MOLEX11-39506-1006 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com