Electronic Components Datasheet Search |
|
RN5VS36CC-TR Datasheet(PDF) 10 Page - RICOH electronics devices division |
|
RN5VS36CC-TR Datasheet(HTML) 10 Page - RICOH electronics devices division |
10 / 30 page Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits. RN5VS ABSOLUTE MAXIMUM RATINGS Symbol Item VDD Supply Voltage VOUT Output Voltage IOUT Output Current PD Power Dissipation Topt Operating Temperature Range Tstg Storage Temperature Range Tsolder Lead Temperature (Soldering) Rating Unit +12 V CMOS VSS–0.3 to VDD+0.3 V Nch VSS–0.3 to +12 70 mA 150 mW –40 to +85 ˚C –55 to +125 ˚C 260˚C,10s Topt=25˚C ABSOLUTE MAXIMUM RATINGS |
Similar Part No. - RN5VS36CC-TR |
|
Similar Description - RN5VS36CC-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |