Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47379-1100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 47379-1100
Description  1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Unmating Height 7.70mm (.303"), 0.38關m (15關") Gold (Au) Plating, Top Surface Mount with Shell,Right Angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47379-1100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  47379-1100 Datasheet HTML 1Page - Molex Electronics Ltd. 47379-1100 Datasheet HTML 2Page - Molex Electronics Ltd. 47379-1100 Datasheet HTML 3Page - Molex Electronics Ltd. 47379-1100 Datasheet HTML 4Page - Molex Electronics Ltd. 47379-1100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
8
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47082-001, PK-47379-001
Product Specification
PS-47082-001
Sales Drawing
SD-47379-100
This document was generated on 05/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 47379-1100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47379-1000 MOLEX6-47379-1000 Datasheet
253Kb / 5P
   1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Unmating Height 7.70mm (.303"), 0.38關m (15關") Gold (Au) Plating, Top Surface Mount with Shell,Right Angle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com