Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4132G271A-8 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KM4132G271A-8
Description  128K x 32Bit x 2 Banks Synchronous Graphic RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271A-8 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KM4132G271A-8 Datasheet HTML 7Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 8Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 9Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 10Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 11Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 12Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 13Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 14Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
KM4132G271A
CMOS SGRAM
Rev.0 (August 1997)
1. Apply power and start clock, Attempt to maintain CKE= "H", DQM= "H" and the other pins are NOP condition at the inputs.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200§Á.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 may be changed.
The device is now ready for normal operation.
Note : 1. If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
2. The full column burst(256bit) is available only at Sequential mode of burst type.
3. If LC and LM both high(1), data of mask and color register will be unknown.
Register Programmed with MRS
(Note 1)
Address
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
W.B.L
TM
CAS Latency
BT
Burst Length
(Note 2)
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
Reserved
0
1
Vendor
Use
Only
0
0
1
-
1
Interleave
0
0
1
2
Reserved
1
0
0
1
0
2
0
1
0
4
4
1
1
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
256(Full)
Reserved
Special Mode Register Programmed with SMRS
Address
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
X
LC
LM
X
(Note 3)
Load Color
Load Mask
A6
Function
A5
Function
0
Disable
0
Disable
1
Enable
1
Enable
POWER UP SEQUENCE
MODE REGISTER FIELD TABLE TO PROGRAM MODES


Similar Part No. - KM4132G271A-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-10 SAMSUNG-KM4132G271BQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-7 SAMSUNG-KM4132G271BQR-7 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-8 SAMSUNG-KM4132G271BQR-8 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BTQR-10 SAMSUNG-KM4132G271BTQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
More results

Similar Description - KM4132G271A-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com