Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4132G271BQR-7 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KM4132G271BQR-7
Description  128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271BQR-7 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KM4132G271BQR-7 Datasheet HTML 6Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 7Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 8Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 9Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 10Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 11Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 12Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 13Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
KM4132G271B
CMOS SGRAM
- 10
Rev. 2.4 (May 1998)
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
COMMAND
CKEn-1 CKEn
CS
RAS
CAS
WE
DSF
DQM
A9
A8
A7~ A0
Note
Register
Mode Register Set
H
X
L
L
L
L
L
X
OP CODE
1, 2
Special Mode Register Set
H
1,2,7
Refresh
Auto Refresh
H
H
L
L
L
H
L
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
X
3
H
X
X
X
3
Bank Active
& Row Addr.
Write Per Bit Disable
H
X
L
L
H
H
L
X
V
Row Address
4, 5
Write Per Bit Enable
H
4,5,9
Read &
Column Address
Auto Precharge Disable
H
X
L
H
L
H
L
X
V
L
Column
Address
4
Auto Precharge Enable
H
4, 6
Write &
Column Address
Auto Precharge Disable
H
X
L
H
L
L
L
X
V
L
Column
Address
4, 5
Auto Precharge Enable
H
4,5,6,9
Block Write &
Column Addr.
Auto Precharge Disable
H
X
L
H
L
L
H
X
V
L
Column
Address
4, 5
Auto Precharge Enable
H
4,5,6,9
Burst Stop
H
X
L
H
H
L
L
X
X
7
Precharge
Bank Selection
H
X
L
L
H
L
L
X
V
L
X
Both Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
L
H
H
H
X
X
X
H
X
X
X
Exit
L
H
X
X
X
X
X
X
Precharge Power Down Mode
Entry
H
L
L
H
H
H
X
X
X
H
X
X
X
Exit
L
H
L
V
V
V
V
X
H
X
X
X
X
DQM
H
X
V
X
8
No Operation Command
H
X
L
H
H
H
X
X
X
H
X
X
X
1. OP Code : Operand Code
A0 ~ A9 : Program keys. (@MRS)
A5, A6 : LMR or LCR select. (@SMRS)
Color register exists only one per DQi which both banks share.
So dose Mask Register.
Color or mask is loaded into chip through DQ pin.
2. MRS can be issued only at both banks precharge state.
SMRS can be issued only if DQ
′s are idle.
A new command can be issued at the next clock of MRS/SMRS.
Note :


Similar Part No. - KM4132G271BQR-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-10 SAMSUNG-KM4132G271A-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-12 SAMSUNG-KM4132G271A-12 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-8 SAMSUNG-KM4132G271A-8 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271AQ-10 SAMSUNG-KM4132G271AQ-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
More results

Similar Description - KM4132G271BQR-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com