Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47271-0005 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 47271-0005
Description  Lower Cover for DisplayPort* Cable Plug, Black, UL94V-0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47271-0005 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  47271-0005 Datasheet HTML 1Page - Molex Electronics Ltd. 47271-0005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 47271-0005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47271-0005 MOLEX-47271-0005 Datasheet
126Kb / 2P
   DisplayPort receptacle
logo
MolexKits
47271-0005 MOLEXKITS-47271-0005 Datasheet
38Kb / 2P
   I/O Plug, Receptacle and Cable
More results

Similar Description - 47271-0005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472711004 MOLEX6-0472711004 Datasheet
145Kb / 3P
   Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
0472710004 MOLEX6-0472710004 Datasheet
145Kb / 3P
   Compressible Upper Cover for DisplayPort* Cable Plug, Black, UL94V- 0
0472711009 MOLEX6-0472711009 Datasheet
75Kb / 2P
   Lower Inner Shell for DisplayPort* Cable Plug, Nickel overall plating
logo
Amphenol Corporation
P-MUSB-AA11-XX AMPHENOL-P-MUSB-AA11-XX Datasheet
129Kb / 2P
   FLAMMABILITY RATING UL94V-0 BLACK
logo
List of Unclassifed Man...
TRD695SCR ETC-TRD695SCR Datasheet
189Kb / 3P
   PLUG HOUSING: POLYCARBONATE, CLEAR, UL94V-0
logo
Molex Electronics Ltd.
1733050107 MOLEX1-1733050107 Datasheet
47Kb / 1P
   SpeedField Vertical Plug, 0.80mm Pitch, 1.40mm Height, 22 Circuits, UL94V-0, Black
logo
Mechatronics, Inc.
MI4-EC12-DF MECHATRONICS-MI4-EC12-DF Datasheet
585Kb / 1P
   UL94V-0 plastic impeller
MI6-EC12-DF MECHATRONICS-MI6-EC12-DF Datasheet
584Kb / 1P
   UL94V-0 plastic impeller
MI8-EC12-DF MECHATRONICS-MI8-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
logo
Molex Electronics Ltd.
1733050115 MOLEX1-1733050115 Datasheet
47Kb / 1P
   SpeedField Vertical Plug, 0.80mm Pitch, 1.40mm Height, 60 Circuits, UL94V-0, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com