Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0441500001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0441500001
Description  Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0441500001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0441500001 Datasheet HTML 1Page - Molex Electronics Ltd. 0441500001 Datasheet HTML 2Page - Molex Electronics Ltd. 0441500001 Datasheet HTML 3Page - Molex Electronics Ltd. 0441500001 Datasheet HTML 4Page - Molex Electronics Ltd. 0441500001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0441500001
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
Documents:
3D Model
Product Specification PS-44050-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
LR19980
General
Product Family
Modular Jacks/Plugs
Series
44150
Comments
External Shield
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5e
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
2
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44150Series
Mates With
FCC 68 Plugs


Similar Part No. - 0441500001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0441500000 WEIDMULLER-0441500000 Datasheet
493Kb / 1P
   SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
0441500000 WEIDMULLER-0441500000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0441500002 MOLEX6-0441500002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500003 MOLEX6-0441500003 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 6 Ports
0441500004 MOLEX6-0441500004 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 8 Ports
More results

Similar Description - 0441500001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0441500011 MOLEX1-0441500011_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238022 MOLEX5-0432238022 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238128 MOLEX5-0432238128 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238122 MOLEX5-0432238122 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500017 MOLEX6-0441500017 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238128 MOLEX1-0432238128_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0445600002 MOLEX1-0445600002_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500011 MOLEX6-0441500011 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500005 MOLEX1-0441500005_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500021 MOLEX6-0441500021 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com