Electronic Components Datasheet Search |
|
45912-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
45912-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0459120009 Status: Active Overview: Description: 12.90mm (.508") Pitch EXTreme PowerEdge™, Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments (Power, Signal, Signal Sequence), Press-Fit Agency Certification CSA LR19980 TUV 30482572 UL E29179 General Product Family Edge Card Connectors Series 45912 Component Type Edgecard to PCB Overview edge_card_connectors Product Name EXTreme PowerEdge™ Physical Circuits (Loaded) 18 Circuits (maximum) 18 Circuits Detail 2 Power, 8 Signal, 8 Signal Color - Resin Black Durability (mating cycles max) 250 Entry Angle Vertical (Top Entry) Flammability 94V-0 Keying to Mating Part N/A Material - Metal High Performance Alloy (HPA), Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic PC Tail Length (in) 0.177 In PC Tail Length (mm) 4.50 mm PCB Thickness Recommended (in) 0.093 In PCB Thickness Recommended (mm) 2.40 mm Packaging Type Tray Pitch - Mating Interface (in) 0.508 In Pitch - Mating Interface (mm) 12.90 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.75 Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Electrical Current - Maximum per Contact 3A, 40A Voltage - Maximum 250V Material Info Reference - Drawing Numbers Packaging Specification PK-45714-001 Product Specification PS-45719-001 Sales Drawing SD-45912-001 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 45912Series Mates With 1.58mm (.062") double sided card edge |
Similar Part No. - 45912-0009 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |