Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416V4100C Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM416V4100C
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V4100C Datasheet(HTML) 1 Page - Samsung semiconductor

  KM416V4100C Datasheet HTML 1Page - Samsung semiconductor KM416V4100C Datasheet HTML 2Page - Samsung semiconductor KM416V4100C Datasheet HTML 3Page - Samsung semiconductor KM416V4100C Datasheet HTML 4Page - Samsung semiconductor KM416V4100C Datasheet HTML 5Page - Samsung semiconductor KM416V4100C Datasheet HTML 6Page - Samsung semiconductor KM416V4100C Datasheet HTML 7Page - Samsung semiconductor KM416V4100C Datasheet HTML 8Page - Samsung semiconductor KM416V4100C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM416V4000C, KM416V4100C
CMOS DRAM
This is a family of 4,194,304 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory
cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -5 or -6), power consumption(Normal or Low power) are
optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Fur-
thermore, Self-refresh operation is available in L-version. This 4Mx16 Fast Page Mode DRAM family is fabricated using Samsung
′s
advanced CMOS process to realize high band-width, low power consumption and high reliability.
• Part Identification
- KM416V4000C/C-L(3.3V, 8K Ref.)
- KM416V4100C/C-L(3.3V, 4K Ref.)
• Fast Page Mode operation
• 2CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• Fast parallel test mode capability
• LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic TSOP(II) packages
• +3.3V
±0.3V power supply
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
4M x 16bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
FEATURES
• Refresh Cycles
Part
NO.
Refresh
cycle
Refresh time
Normal
L-ver
KM416V4000C*
8K
64ms
128ms
KM416V4100C
4K
• Performance Range
Speed
tRAC
tCAC
tRC
tPC
-45
45ns
12ns
80ns
31ns
-5
50ns
13ns
90ns
35ns
-6
60ns
15ns
110ns
40ns
• Active Power Dissipation
Speed
8K
4K
-45
324
468
-5
288
432
-6
252
396
Unit : mW
Control
Clocks
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0~A12
(A0~A11)*1
A0~A8
(A0~A9)*1
Memory Array
4,194,304 x 16
Cells
FUNCTIONAL BLOCK DIAGRAM
Note) *1 : 4K Refresh
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE
* Access mode & RAS only refresh mode
: 8K cycle/64ms(Normal), 8K cycle/128ms(L-ver.)
CAS-before-RAS & Hidden refresh mode
: 4K cycle/64ms(Normal), 4K cycle/128ms(L-ver.)
Row Decoder
Column Decoder
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer


Similar Part No. - KM416V4100C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4100B SAMSUNG-KM416V4100B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4100BS SAMSUNG-KM416V4100BS Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4100BS-45 SAMSUNG-KM416V4100BS-45 Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4100BS-5 SAMSUNG-KM416V4100BS-5 Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4100BS-6 SAMSUNG-KM416V4100BS-6 Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM416V4100C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com