Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5RL27AC-RF Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RE5RL27AC-RF
Description  VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RL27AC-RF Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RE5RL27AC-RF Datasheet HTML 2Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 3Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 4Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 5Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 6Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 7Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 8Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 9Page - RICOH electronics devices division RE5RL27AC-RF Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R
×5RL
5
ELECTRICAL CHARACTERISTICS
• R
×5RL20A
Symbol
Item
VOUT
Output Voltage
IOUT
Output Current
∆VOUT
Load Regulation
∆IOUT
VDIF
Dropout Voltage
ISS
Quiescent Current
∆VOUT
∆VIN
Line Regulation
VIN
Input Voltage
∆VOUT
Output Voltage
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
VIN=4.0V
1.950
2.000
2.050
V
10µA
≤IOUT≤10mA
VIN=4.0V
25
35
mA
VIN=4.0V
1mA
≤IOUT≤35mA
30
45
mV
IOUT=1mA
60
90
mV
VIN=4.0V
1.0
3.0
µA
IOUT=1mA
VOUT+0.5V
≤VIN≤10V
0.05
0.2
%/V
10
V
IOUT=10mA
±100
ppm/˚C
–40˚C
≤Topt≤85˚C
Topt=25˚C
R
×5RL30A
Topt=25˚C
Symbol
Item
VOUT
Output Voltage
IOUT
Output Current
∆VOUT
Load Regulation
∆IOUT
VDIF
Dropout Voltage
ISS
Quiescent Current
∆VOUT
∆VIN
Line Regulation
VIN
Input Voltage
∆VOUT
Output Voltage
∆ Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
VIN=5.0V
2.925
3.000
3.075
V
10µA
≤IOUT≤10mA
VIN=5.0V
35
50
mA
VIN=5.0V
1mA
≤IOUT≤50mA
40
60
mV
IOUT=1mA
40
60
mV
VIN=5.0V
1.1
3.3
µA
IOUT=1mA
VOUT+0.5V
≤VIN≤10V
0.05
0.2
%/V
10
V
IOUT=10mA
±100
ppm/˚C
–40˚C
≤Topt≤85˚C


Similar Part No. - RE5RL27AC-RF

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RL20AA-TR-F RICOH-RE5RL20AA-TR-F Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
RE5RL25AA-TR-F RICOH-RE5RL25AA-TR-F Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RL27AC-RF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com