Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416V1204C-L45 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM416V1204C-L45
Description  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V1204C-L45 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM416V1204C-L45 Datasheet HTML 4Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 5Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 6Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 7Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 8Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 9Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 10Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 11Page - Samsung semiconductor KM416V1204C-L45 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
tASC, tCAH are referenced to the earlier CAS falling edge.
tCP is specified from the later CAS rising edge in the previous cycle to the earlier CAS falling edge in the next cycle.
tCWD is referenced to the later CAS falling edge at word read-modify-write cycle.
tCWL is specified from W falling edge to the earlier CAS rising edge.
tCSR is referenced to the earlier CAS falling edge before RAS transition low.
tCHR is referenced to the later CAS rising edge after RAS transition low.
tCSR
tCHR
RAS
LCAS
UCAS
22.
13.
19.
12.
11.
tDS, tDH is independently specified for lower byte DQ(0-7), upper byte DQ(8-15)
tASC
≥6ns, assume tT=2.0ns.
If RAS goes to high before CAS high going, the open circuit condition of the output is achieved by CAS high going.
If CAS goes to high before RAS high going, the open circuit condition of the output is achieved by RAS high going.
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only refresh and burst CAS-before-RAS refresh mode, 4096(4K)/1024(1K) cycles of burst refresh must be executed
within 64ms/16ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval, CAS-before-RAS refresh should be executed with in 15.6us immediately
before and after self refresh in order to meet refresh specification.
18.
16.
15.
14.
21.
20.
17.


Similar Part No. - KM416V1204C-L45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results

Similar Description - KM416V1204C-L45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com