Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48006-2111 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 48006-2111
Description  1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Blue Housing, Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

48006-2111 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  48006-2111 Datasheet HTML 1Page - Molex Electronics Ltd. 48006-2111 Datasheet HTML 2Page - Molex Electronics Ltd. 48006-2111 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 48006-2111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48006-1102 MOLEX6-48006-1102 Datasheet
237Kb / 3P
   1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing,Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key, 2.79mm(.110") Tail Length
48006-1111 MOLEX6-48006-1111 Datasheet
237Kb / 3P
   1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing, Brass Terminals, Single Key, with Beveled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com