Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM44C4103C Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM44C4103C
Description  4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4103C Datasheet(HTML) 5 Page - Samsung semiconductor

  KM44C4103C Datasheet HTML 1Page - Samsung semiconductor KM44C4103C Datasheet HTML 2Page - Samsung semiconductor KM44C4103C Datasheet HTML 3Page - Samsung semiconductor KM44C4103C Datasheet HTML 4Page - Samsung semiconductor KM44C4103C Datasheet HTML 5Page - Samsung semiconductor KM44C4103C Datasheet HTML 6Page - Samsung semiconductor KM44C4103C Datasheet HTML 7Page - Samsung semiconductor KM44C4103C Datasheet HTML 8Page - Samsung semiconductor KM44C4103C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CMOS DRAM
KM44C4003C, KM44C4103C
CAPACITANCE (TA=25
°C, VCC=5V, f=1MHz)
Parameter
Symbol
Min
Max
Units
Input capacitance [A0 ~ A11]
CIN1
-
5
pF
Input capacitance [RAS, CASx, W, OE]
CIN2
-
7
pF
Output capacitance [DQ0 - DQ3]
CDQ
-
7
pF
Test condition : VCC=5.0V
±10%, Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V
Parameter
Symbol
-5
-6
Units
Notes
Min
Max
Min
Max
Random read or write cycle time
tRC
90
110
ns
Read-modify-write cycle time
tRWC
133
155
ns
Access time from RAS
tRAC
50
60
ns
3,4,10
Access time from CAS
tCAC
13
15
ns
3,4,5,18
Access time from column address
tAA
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
0
0
ns
3,18
Output buffer turn-off delay
tOFF
0
13
0
15
ns
6
Transition time (rise and fall)
tT
3
50
3
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
13
15
ns
14
CAS hold time
tCSH
50
60
ns
17
CAS pulse width
tCAS
13
10K
15
10K
ns
23
RAS to CAS delay time
tRCD
20
37
20
45
ns
4,16
RAS to column address delay time
tRAD
15
25
15
30
ns
10
CAS to RAS precharge time
tCRP
5
5
ns
15
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns
16
Column address hold time
tCAH
10
10
ns
16
Column address to RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold time referenced to
tRCH
0
0
ns
8,15
Read command hold time referenced to
tRRH
0
0
ns
8
Write command hold time
tWCH
10
10
ns
14
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
13
15
ns
17
AC CHARACTERISTICS (0
°C≤TA≤70°C, See note 1,2)


Similar Part No. - KM44C4103C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C4100C SAMSUNG-KM44C4100C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4105C SAMSUNG-KM44C4105C Datasheet
378Kb / 20P
   4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
More results

Similar Description - KM44C4103C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C4005C SAMSUNG-KM44C4005C Datasheet
378Kb / 20P
   4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
   4M X 4 CMOS Quad CAS DRAM (EDO) family
logo
Micron Technology
MT4C4004 MICRON-MT4C4004 Datasheet
1Mb / 13P
   1 MEG x 4 DRAM QUAD CAS PARITY, FAST PAGE MODE
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
logo
Micron Technology
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
   1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
logo
Samsung semiconductor
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com