Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46235-5001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46235-5001
Description  Micro-Fit 3.0??High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38關m (15關") Selective Gold (Au) over Nickel (Ni), 20-24 AWG, with Lubricant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

46235-5001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46235-5001 Datasheet HTML 1Page - Molex Electronics Ltd. 46235-5001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0462355001
Status:
Active
Overview:
Micro-Fit, 3.0™
Description:
Micro-Fit 3.0™ High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female,
with 0.38µm (15µ") Selective Gold (Au) over Nickel (Ni), 20-24 AWG, with Lubricant
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-46235-001 (PDF)
General
Product Family
Crimp Terminals
Series
46235
Comments
90% increase in mating cycles (250 cycles) and up to
50% reduction in mating force
Crimp Quality Equipment
Yes
Overview
Micro-Fit, 3.0™
Product Name
Micro-Fit 3.0™
Physical
Durability (mating cycles max)
250
Gender
Female
Material - Metal
Copper-Zinc-Tin
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Packaging Type
Reel
Plating min: Mating (µin)
0.38
Plating min: Mating (µm)
15
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.85mm (.073") max.
Wire Size AWG
20, 22, 24
Wire Size mm²
N/A
Electrical
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-46235-001
Product Specification
PS-46235-001
Sales Drawing
SD-46235-001
Test Summary
TS-46235-001, TS-46235-501
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46235Series
Use With
Micro-Fit 3.0™ Receptacle Housing 43025 ,
43645 , 44133
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 46235-5001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46235-5001 MOLEX-46235-5001 Datasheet
107Kb / 2P
   Micro-Fit 3.0 Low Force Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com