Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416RD2D Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM416RD2D
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD2D Datasheet(HTML) 5 Page - Samsung semiconductor

  KM416RD2D Datasheet HTML 1Page - Samsung semiconductor KM416RD2D Datasheet HTML 2Page - Samsung semiconductor KM416RD2D Datasheet HTML 3Page - Samsung semiconductor KM416RD2D Datasheet HTML 4Page - Samsung semiconductor KM416RD2D Datasheet HTML 5Page - Samsung semiconductor KM416RD2D Datasheet HTML 6Page - Samsung semiconductor KM416RD2D Datasheet HTML 7Page - Samsung semiconductor KM416RD2D Datasheet HTML 8Page - Samsung semiconductor KM416RD2D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Page 2
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
Pinouts and Definitions
Normal Package
This table shows the pin assignments of the normal RDRAM package.
Mirrored Package
This table shows the pin assignments of the mirrored RDRAM package.
Table 1 : a. Center-Bonded Device(Top View For Normal Package)
12
GND
VDD
VDD
GND
11
10
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
9
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
8
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
7
6
5
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
4
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
3
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
Table 2: a.Center-Bonded Device(Top View For Mirrored Package)
12
GND
VDD
VDD
GND
11
10
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
9
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
8
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
7
6
5
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
4
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
3
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
For mirrored package, pin #1(ROW 1, COL A)
is located at the A1 postion on the top side and
the A1 position is marked by the alphabet M.
Chip
Top View
* DQA8/DQB8 are just used for
144Mb RDRAM. These two pins are
NC(No Connection) in 128Mb RDRAM.
b.
Top marking example of normal package
For normal package, pin #1(ROW 1, COL A) is
located at the A1 position on the top side and
the A1 position is marked by the marker
.
b. Top marking example of mirrored package
COL
ROW
COL
ROW
SEC KOREA
KM4xxRD8AC
M
SEC KOREA
KM4xxRD8AD


Similar Part No. - KM416RD2D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-RBM80 SAMSUNG-KM416RD8AS-RBM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-SCM80 SAMSUNG-KM416RD8AS-SCM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
More results

Similar Description - KM416RD2D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com