Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM6264BLP-7L Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM6264BLP-7L
Description  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLP-7L Datasheet(HTML) 2 Page - Samsung semiconductor

  KM6264BLP-7L Datasheet HTML 1Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 2Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 3Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 4Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 5Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 6Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 7Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 8Page - Samsung semiconductor KM6264BLP-7L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
2
PRODUCT LIST & ORDERING INFORMATION
KM6264BLP-7
KM6264BLP-7L
KM6264BLP-10
KM6264BLP-10L
KM6264BLP-12
KM6264BLP-12L
KM6264BLG-7
KM6264BLG-7L
KM6264BLG-10
KM6264BLG-10L
KM6264BLG-12
KM6264BLG-12L
28-DIP, 70ns, L-pwr
28-DIP, 70ns, , LL-pwr
28-DIP, 100ns, , L-pwr
28-DIP, 100ns, LL-pwr
28-DIP, 120ns, , L-pwr
28-DIP, 120ns, LL-pwr
28-SOP, 70ns, L-pwr
28-SOP, 70ns, LL-pwr
28-SOP, 100ns, L-pwr
28-SOP, 100ns, LL-pwr
28-SOP, 120ns, L-pwr
28-SOP, 120ns, LL-pwr
Function
Commercial Temp Products
(0~70 °C)
Part Name
KM6264BLGE-10
KM6264BLGE-10L
28-SOP, 100ns, L-pwr
28-SOP, 100ns, LL-pwr
KM6264BLGI-10
KM6264BLGI-10L
28-SOP, 100ns, L-pwr
28-SOP, 100ns, LL-pwr
Function
Extended Temp Products
(-25~85 °C)
Part Name
Function
Industrial Temp Products
(-40~85 °C)
Part Name
PRODUCT LIST
ORDERING INFORMATION
K M6 2 X 64
B
X
X
XX -
XX
X
Access Time : 7=70ns, 10=100ns, 12=120ns
Operating Temperature :
I=Industrial, E=Extended, Blank=Commercial
Package Type : G=SOP, P=DIP,
Die Version : B=3rd generation
Density : 64=64K bit
Organization : 2= x8
SEC Standard SRAM
Blank=5V
L-Low Low Power, Blank-Low Power or High Power
L-Low Power or Low Low Power, Blank-High Power


Similar Part No. - KM6264BLP-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM6264BLP-7L

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com