Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47363-2002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47363-2002
Description  1.27mm (.050") Pitch Combo SAS Cable Connector, Right Angle Type, with Arris on both surface, 0.38關m (15關") Gold(Au) Plating, 22 Circuits, LeadFree
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47363-2002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47363-2002 Datasheet HTML 1Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 2Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 3Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 4Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 5Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 6Page - Molex Electronics Ltd. 47363-2002 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473632002
Status:
Active
Description:
1.27mm (.050") Pitch Combo SAS Cable Connector, Right Angle Type, with Arris on
both surface, 0.38µm (15µ") Gold(Au) Plating, 22 Circuits, LeadFree
Documents:
3D Model
Product Specification PS-47362-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47363
Application
Wire-to-Board
Component Type
Receptacle
Product Name
SAS
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
22
Circuits (maximum)
22
Circuits Detail
Signal 7, Power 15
Durability (mating cycles max)
50
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
2
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47363Series


Similar Part No. - 47363-2002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47363-1001 MOLEX6-47363-1001 Datasheet
386Kb / 7P
   1.27mm (.050") Pitch Combo SAS Cable Connector, Straight Type, with Arris on both surface, 0.76um
47363-1002 MOLEX6-47363-1002 Datasheet
386Kb / 7P
   1.27mm (.050") Pitch Combo SAS Cable Connector, Straight Type, with Arris on both surface, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
47363-1032 MOLEX6-47363-1032 Datasheet
386Kb / 7P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, without Arris, 0.38um (15u") Gold
47363-3002 MOLEX6-47363-3002 Datasheet
386Kb / 7P
   1.27mm (.050") Pitch Combo SAS Cable Connector, Composite Type, with Arris on both surface, 0.38關m (15關") Gold(Au) Plating, 22 Circuits, LeadFree
47363-4002 MOLEX6-47363-4002 Datasheet
384Kb / 7P
   1.27mm (.050") Pitch Combo SAS Cable Connector, Right Angle Type, with Arris on both surface, 0.38關m (15關") Gold(Au) Plating, 22 Circuits, LeadFree
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com