Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46556-4247 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 46556-4247
Description  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 160 Circuits, 3.00mm (.118") Unmated Height, 4 Rows, With Pegs, Solder Charge?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

46556-4247 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  46556-4247 Datasheet HTML 1Page - Molex Electronics Ltd. 46556-4247 Datasheet HTML 2Page - Molex Electronics Ltd. 46556-4247 Datasheet HTML 3Page - Molex Electronics Ltd. 46556-4247 Datasheet HTML 4Page - Molex Electronics Ltd. 46556-4247 Datasheet HTML 5Page - Molex Electronics Ltd. 46556-4247 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 46556-4247

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46556-4145 MOLEX-46556-4145 Datasheet
1Mb / 2P
   1.27mm (.050?? Pitch SEARAY*Slim 4-Row Connectors
logo
MolexKits
46556-4145 MOLEXKITS-46556-4145 Datasheet
41Kb / 2P
   High Density Mezz Interconnect Plug and Receptacle
46556-4145 MOLEXKITS-46556-4145 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
46556-4145 MOLEX6-46556-4145 Datasheet
352Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 160 Circuits, 2.00mm (.078") Unmated Height, 4 Rows, With Pegs, Solder Charge??Lead-free
46556-4147 MOLEX6-46556-4147 Datasheet
359Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 160 Circuits, 2.00mm (.078") Unmated Height, 4 Rows, With Pegs, Solder Charge?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com