Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47300-1021 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 47300-1021
Description  1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with DIP Standard Type Soldering Tabs, Right Angle, 0.38關m (15關") Gold (Au) Plating, with Peg, 5.4mm (.213") Mounted Height, Lead-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47300-1021 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  47300-1021 Datasheet HTML 1Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 2Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 3Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 4Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 5Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 6Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 7Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 8Page - Molex Electronics Ltd. 47300-1021 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image


Similar Part No. - 47300-1021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47300-1020 MOLEX-47300-1020 Datasheet
110Kb / 2P
   Slimline Serial ATA ODD Connectors
47300-1020 MOLEX6-47300-1020 Datasheet
545Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with DIP Standard Type Soldering
47300-1022 MOLEX6-47300-1022 Datasheet
545Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with DIP Standard
47300-1023 MOLEX6-47300-1023 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with DIP Standard Type Soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com