Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45985-1223 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 45985-1223
Description  1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower??Header, Right Angle,10 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062") Thick PC Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45985-1223 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  45985-1223 Datasheet HTML 1Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 2Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 3Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 4Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 5Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 6Page - Molex Electronics Ltd. 45985-1223 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 45985-1223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45985-1221 MOLEX6-45985-1221 Datasheet
492Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts
45985-1222 MOLEX6-45985-1222 Datasheet
492Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com