Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0444720851 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0444720851
Description  4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0444720851 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0444720851 Datasheet HTML 1Page - Molex Electronics Ltd. 0444720851 Datasheet HTML 2Page - Molex Electronics Ltd. 0444720851 Datasheet HTML 3Page - Molex Electronics Ltd. 0444720851 Datasheet HTML 4Page - Molex Electronics Ltd. 0444720851 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0444720851

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444720850 MOLEX6-0444720850 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
0444720852 MOLEX6-0444720852 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, with Drain Holes
0444720853 MOLEX6-0444720853 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits
0444720854 MOLEX6-0444720854 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
0444720855 MOLEX6-0444720855 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com