Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-J7HMM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-J7HMM
Description  DC-DC Converters 25 to 100 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-J7HMM Datasheet(HTML) 2 Page - Vicor Corporation

  VI-J7HMM Datasheet HTML 1Page - Vicor Corporation VI-J7HMM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12 1-800-735-6200
73
Converter Specifications
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
PARAMETER
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
TEST CONDITIONS
s Input Characteristics
Inrush charge
60x10-6
60x10-6
100x10-6
Coulombs
Nominal line
Input reflected ripple current – pp
10%
10%
IIN
Nominal line, full load
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
s Output Characteristics
Setpoint accuracy
1.0%
2.0%
0.5%
1.0%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
Load/line regulation
1.0%
0.2%
0.5%
VNOM
LL to HL, No Load to 10%
Output temperature drift
0.02
0.01
0.02
%/°C
Over rated temperature
Long term drift
0.02
0.02
%/1K hours
Output ripple - pp:
2V, 3.3V
200
100
150
mV
20 MHz bandwidth
5V
5%
2%
3%
20 MHz bandwidth
10-48V
3%
0.75%
1.5%
20 MHz bandwidth
Trim range1
50%
110%
50%
110%
VNOM
Total remote sense compensation
0.5
0.5
Volts
0.25V max. neg. leg
Current limit
105%
135%
105%
125%
INOM
Automatic restart
Short circuit current
105%
140%
105%
130%
INOM
s Control Pin Characteristics
Gate out impedance
50
50
Ohms
Gate in impedance
103
103
Ohms
Gate in high threshold
6
6
Volts
Use open collector
Gate in low threshold
0.65
0.65
Volts
Gate in low current
6
6
mA
s Dielectric Withstand Characteristics
Input to output
3,000
3,000
VRMS
Baseplate earthed
Output to baseplate
500
500
VRMS
Input to baseplate
1,500
1,500
VRMS
s Thermal Characteristics
Efficiency
78-88%
80-90%
Baseplate to sink
0.4
0.4
°C/Watt
With Vicor P/N 04308
s Mechanical Specifications
Weight
3.0 (85)
3.0 (85)
Ounces (Grams)
110V, 12V and 15V outputs, standard trim range ±10%. Consult factory for wider trim range.
For product compliance with agency standards please refer to pages 67 - 69.
25+20Log
( Vin )
Vout
30+20Log
( Vin )
Vout
20+20Log
( Vin )
Vout
Rev 3
2 of 2
For the latest Vicor Product Information: www.vicorpower.com


Similar Part No. - VI-J7HMM

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-J7-CW POWERBOX-VI-J7-CW Datasheet
524Kb / 1P
   25 - 100W PCB MOUNTING COMONENTS
VI-J7-CX POWERBOX-VI-J7-CX Datasheet
524Kb / 1P
   25 - 100W PCB MOUNTING COMONENTS
VI-J7-CY POWERBOX-VI-J7-CY Datasheet
524Kb / 1P
   25 - 100W PCB MOUNTING COMONENTS
VI-J7-CZ POWERBOX-VI-J7-CZ Datasheet
524Kb / 1P
   25 - 100W PCB MOUNTING COMONENTS
VI-J7-EW POWERBOX-VI-J7-EW Datasheet
524Kb / 1P
   25 - 100W PCB MOUNTING COMONENTS
More results

Similar Description - VI-J7HMM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00_1 Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
logo
Tumbler Technologies + ...
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
logo
Powerbox
PB169 POWERBOX-PB169 Datasheet
258Kb / 1P
   100-138 WATTS RAILWAY DC/DC CONVERTERS
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com