Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45970-2513 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45970-2513
Description  1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 200 Circuits, 4.50mm (.196")Unmated Height, 10 Rows
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45970-2513 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45970-2513 Datasheet HTML 1Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 2Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 3Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 4Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 5Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 6Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 7Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 8Page - Molex Electronics Ltd. 45970-2513 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459702513
Status:
Active
Overview:
searay
Description:
1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 200 Circuits, 4.50mm (.196")
Unmated Height, 10 Rows
Documents:
3D Model
Product Specification PS-45970-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-45970-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
45970
Application
Board-to-Board
Overview
searay
Product Name
SEARAY*
Physical
Breakaway
No
Circuits (Loaded)
200
Circuits (maximum)
200
Circuits Detail
200
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Rows
10
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45970Series
Mates With
45971 SEARAY* Receptacle


Similar Part No. - 45970-2513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45970-2511 MOLEX6-45970-2511 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 200 Circuits, 4.50mm (.196") Unmated Height, 10 Rows, Lead Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com