Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0465562145 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0465562145
Description  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 80 Circuits, 2.00mm (.078") Unmated Height, 4 Rows, With Pegs, Solder Charge??Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0465562145 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0465562145 Datasheet HTML 1Page - Molex Electronics Ltd. 0465562145 Datasheet HTML 2Page - Molex Electronics Ltd. 0465562145 Datasheet HTML 3Page - Molex Electronics Ltd. 0465562145 Datasheet HTML 4Page - Molex Electronics Ltd. 0465562145 Datasheet HTML 5Page - Molex Electronics Ltd. 0465562145 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0465562145
Status:
Active
Description:
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 80 Circuits, 2.00mm
(.078") Unmated Height, 4 Rows, With Pegs, Solder Charge™ Lead-free
Documents:
3D Model
Product Specification PS-45970-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
46556
Application
Board-to-Board
Product Name
SEARAY*
Physical
Breakaway
No
Circuits (Loaded)
80
Circuits (maximum)
80
Circuits Detail
80
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Surface Mount
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46556Series
Mates With
46557 SEARAY* Slim Receptacles


Similar Part No. - 0465562145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0465562147 MOLEX6-0465562147 Datasheet
359Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Plug, 80 Circuits, 2.00mm (.078") Unmated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com