Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0741 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KS0741
Description  128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0741 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KS0741 Datasheet HTML 4Page - Samsung semiconductor KS0741 Datasheet HTML 5Page - Samsung semiconductor KS0741 Datasheet HTML 6Page - Samsung semiconductor KS0741 Datasheet HTML 7Page - Samsung semiconductor KS0741 Datasheet HTML 8Page - Samsung semiconductor KS0741 Datasheet HTML 9Page - Samsung semiconductor KS0741 Datasheet HTML 10Page - Samsung semiconductor KS0741 Datasheet HTML 11Page - Samsung semiconductor KS0741 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
128 SEG / 129 COM DRIVER & CONTROLLER FOR STN LCD
PRELIMINARY SPEC. VER. 1.2
KS0741
4
PAD CONFIGURATION
.......................
..
............
.
X
Y
(0,0)
KS0741
PAD
374
375
144
180
181
1
143
411
Figure 2. KS0741 Chip Configuration
Table 1. KS0741 Pad Dimensions
ITEM
PAD NO.
SIZE
UNIT
X
Y
Chip Size
-
10580
2520
§-
Pad Pitch
1 ~ 143
70
144 ~ 178
183 ~ 372
377 ~ 411
52
179 ~ 182
373 ~ 376
80
Bumped pad size
1 ~ 143
42
92
145 ~ 178
377 ~ 410
70
34
183 ~ 372
34
70
144
179 ~ 180
375 ~ 376
411
70
62
181 ~ 182
373 ~ 374
62
70
Bumped pad height
ALL PAD
14 (TYP)


Similar Part No. - KS0741

ManufacturerPart #DatasheetDescription
logo
Lumberg
KS07 LUMBERG-KS07 Datasheet
440Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
Samsung semiconductor
KS0708 SAMSUNG-KS0708 Datasheet
212Kb / 27P
   64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - KS0741

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0741 SAMSUNG-S6B0741 Datasheet
985Kb / 74P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com