Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS2206B Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KS2206B
Description  The KA2206B is a monolithic intergrated dircuit consisting of a 2-channel power amplifier.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS2206B Datasheet(HTML) 5 Page - Samsung semiconductor

  KS2206B Datasheet HTML 1Page - Samsung semiconductor KS2206B Datasheet HTML 2Page - Samsung semiconductor KS2206B Datasheet HTML 3Page - Samsung semiconductor KS2206B Datasheet HTML 4Page - Samsung semiconductor KS2206B Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KA2206B
Audio
CD-ROM(Edition 3.0) This Data Sheet is subject to change without notice.
(C) 1996 Samsung Electronics
Printed in Korea.
Page : 5 ( KA2206B )


Similar Part No. - KS2206B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS2206B SAMSUNG-KS2206B Datasheet
125Kb / 6P
   2.3W DUAL AUDIO POWER AMP
More results

Similar Description - KS2206B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8427K TOSHIBA-TA8427K Datasheet
192Kb / 5P
   POWER AMPLIFIER FOR DRIVING A DEFLECTION DIRCUIT OF A COLOR TELEVISION
logo
Hotchip Technology Co.,...
TDA2003 HOTCHIP-TDA2003 Datasheet
895Kb / 11P
   The TDA2003 is a monolithic audio power amplifier integrated circuit.
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
logo
List of Unclassifed Man...
IS-P410905 ETC2-IS-P410905 Datasheet
60Kb / 1P
   The IS-P410905 is a class 2 power supply
logo
Protech Systems Co., Lt...
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
POS-3120 PROTECHSYSTEMS-POS-3120 Datasheet
926Kb / 2P
   The One Of a Kind High Intergrated 10.4 Pos Terminal
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
Unisonic Technologies
U74LVC2G19 UTC-U74LVC2G19 Datasheet
161Kb / 5P
   The U74LVC1G19 is a 1-of-2 decoder / demultiplexer with a common output enable.
logo
Allegro MicroSystems
A8670 ALLEGRO-A8670 Datasheet
463Kb / 27P
   The A8670 is a synchronous buck converter capable of delivering up to 2 A.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com