Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0495051215 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0495051215
Description  Bulb Socket, Sealed, For W16W, 32.00mm Socket Length, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0495051215 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0495051215 Datasheet HTML 1Page - Molex Electronics Ltd. 0495051215 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0495051215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495051205 MOLEX6-0495051205 Datasheet
130Kb / 2P
   Bulb Socket, Unsealed, For W16W, 32.00mm Socket Length, 2 Circuits
More results

Similar Description - 0495051215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495051205 MOLEX6-0495051205 Datasheet
130Kb / 2P
   Bulb Socket, Unsealed, For W16W, 32.00mm Socket Length, 2 Circuits
0495050215 MOLEX6-0495050215 Datasheet
128Kb / 2P
   Bulb Socket, Sealed, For W16W, 35.50mm Socket Length, 2 Circuits
0495050205 MOLEX6-0495050205 Datasheet
120Kb / 2P
   Bulb Socket, Unsealed, For W16W, 35.50mm Socket Length, 2 Circuits
495051215 MOLEX-495051215 Datasheet
105Kb / 1P
   SEALED W162 BULB SOCKET 2P (SOCKET LENGTH-32.0MM)
2006/04/15
35512-0200 MOLEX11-35512-0200 Datasheet
52Kb / 1P
   6.40mm Pitch Housing for Wedge Bulb Socket, Female, Sealed, 2 Circuits
0355120200 MOLEX5-0355120200 Datasheet
108Kb / 2P
   6.40mm (.252") Pitch Housing for Wedge Bulb Socket, Female, Sealed, 2 Circuits
ATS-639012100 MOLEX-ATS-639012100 Datasheet
302Kb / 5P
   Fine Adjust Applicator for Sealed PT-Bulb Socket Positive Terminal
05-03-13
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
   Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
63901-1700 MOLEX-63901-1700 Datasheet
285Kb / 5P
   Fine Adjust Applicator for Sealed PT-Bulb Socket Earth Terminal
11-12-08
0359030106 MOLEX5-0359030106 Datasheet
85Kb / 2P
   Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com