Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS5520D-04 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KS5520D-04
Description  ON SCREEN DISPLAY PROCESSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS5520D-04 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KS5520D-04 Datasheet HTML 7Page - Samsung semiconductor KS5520D-04 Datasheet HTML 8Page - Samsung semiconductor KS5520D-04 Datasheet HTML 9Page - Samsung semiconductor KS5520D-04 Datasheet HTML 10Page - Samsung semiconductor KS5520D-04 Datasheet HTML 11Page - Samsung semiconductor KS5520D-04 Datasheet HTML 12Page - Samsung semiconductor KS5520D-04 Datasheet HTML 13Page - Samsung semiconductor KS5520D-04 Datasheet HTML 14Page - Samsung semiconductor KS5520D-04 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
KS5520-XX
ON SCREEN DISPLAY PROCESSOR
11
VID-97-D001
98-05-14
2) Register 361(169H)
Register
State
Contents
Functions
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
VP0
VP1
VP2
VP3
VP4
VP5
VZ10
VZ11
VZ20
VZ21
Internal
Scroll
On
Scroll
Time
Blank
L Level
Ext
fsc
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
H : horizontal synchronous pulse time
0
1
01
1X
2X
3X
4X
Remark
Vertical
Start
Position
1st line vertical
character size
control
2nd ~ 12th line
vertical
character size
control
VZ10
VZ11
0
1
01
1X
2X
3X
4X
VZ20
VZ21
External SYNC
Internal SYNC
HS
VS
V-SYNC
H-SYNC
VS = H *
^ 4 * ê ( VPn * 2 ) + 3 `
n=o
5
n
DA0 ~
DAE
Scroll Off
Scroll On
Scroll Time 0.5 sec
Scroll Time 1 sec
Blank Low Level 0 (1.4V)
Blank Low Level 1 (1.8V)
External 4fsc X-TAL (Pin 21,22)
External fsc input to Pin 21(*Only for IC Test)
External / Internal
Mode
Scroll Display
Control
Scroll Time
Control
Blank Color Low
Level Control
External fsc
Clock Input


Similar Part No. - KS5520D-04

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS5514B-02 SAMSUNG-KS5514B-02 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-03 SAMSUNG-KS5514B-03 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-06 SAMSUNG-KS5514B-06 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-07 SAMSUNG-KS5514B-07 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-09 SAMSUNG-KS5514B-09 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
More results

Similar Description - KS5520D-04

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS5514B-XX SAMSUNG-KS5514B-XX Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com