Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0474036202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0474036202
Description  Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith SMT type Front Solder Tabs, Reverse Mount on Recessed PCB, Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0474036202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0474036202 Datasheet HTML 1Page - Molex Electronics Ltd. 0474036202 Datasheet HTML 2Page - Molex Electronics Ltd. 0474036202 Datasheet HTML 3Page - Molex Electronics Ltd. 0474036202 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0474036202
Status:
Active
Overview:
esatausb_combo_receptacles
Description:
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith
SMT type Front Solder Tabs, Reverse Mount on Recessed PCB, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47403
Application
Wire-to-Board
Comments
SMT type front solder tabs . Reverse mounted on
recessed PCB . Durability: 1,500 cycles for USB; 2,500
cycles for eSATA
Component Type
Receptacle
Overview
esatausb_combo_receptacles
Product Name
eSATA/USB Combo, External Serial ATA, USB
Type
N/A
Physical
Circuits (Loaded)
4, 7
Circuits Detail
eSATA: 7 circuits; USB: 4 circuits
Color - Resin
Black
Durability (mating cycles max)
1,500
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Mating Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Pitch - Term. Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Term. Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47403Series
Mates With
External Serial ATA Cable Assembly or USB
Type A Cable Assembly


Similar Part No. - 0474036202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0474036000 MOLEX6-0474036000 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs, Beveled Metal Pins and Mylar, Lead free
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0474036002 MOLEX6-0474036002 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
More results

Similar Description - 0474036202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051301000 MOLEX11-1051301000 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
1051312000 MOLEX11-1051312000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301002 MOLEX11-1051301002 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301001 MOLEX11-1051301001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051312001 MOLEX11-1051312001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051311002 MOLEX11-1051311002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type Front Solder
1051311001 MOLEX11-1051311001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type Front Solder
0474038000 MOLEX6-0474038000 Datasheet
204Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs and Beveled Metal Pins, Lead free
0474036000 MOLEX6-0474036000 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs, Beveled Metal Pins and Mylar, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com