Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0475969941 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0475969941
Description  LGA 1156 ILM Assembly with Straight Lever, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0475969941 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0475969941 Datasheet HTML 1Page - Molex Electronics Ltd. 0475969941 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0475969941

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475969911 MOLEX6-0475969911 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free
0475969913 MOLEX6-0475969913 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free
0475969914 MOLEX6-0475969914 Datasheet
129Kb / 2P
    LGA 1156 ILM and Back-plate Assembly for Desktop PC, Shepherd Hook Lever, Leadfree
0475969923 MOLEX6-0475969923 Datasheet
95Kb / 2P
   LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free
0475969930 MOLEX6-0475969930 Datasheet
109Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for Desktop PC, Lead-free
More results

Similar Description - 0475969941

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475968841 MOLEX6-0475968841 Datasheet
110Kb / 2P
   LGA 1156 ILM Assembly with Straight Lever, Lead-free, Halogen-free
0475969911 MOLEX6-0475969911 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free
0475968811 MOLEX6-0475968811 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free, Halogen-free
0475968814 MOLEX6-0475968814 Datasheet
129Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for Desktop PC, Shepherd Hook Lever, Leadfree, Halogen-free
0475968834 MOLEX6-0475968834 Datasheet
130Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for 1U Server, Shepherd Hook Lever, Leadfree,Halogen-free
0475939100 MOLEX6-0475939100 Datasheet
216Kb / 3P
   1.01mm (.040") Pitch LGA 1366 Processor Socket B ILM Assembly, with Straight Lever, Stainless Steel, Lead free
0475969914 MOLEX6-0475969914 Datasheet
129Kb / 2P
    LGA 1156 ILM and Back-plate Assembly for Desktop PC, Shepherd Hook Lever, Leadfree
0475969934 MOLEX6-0475969934 Datasheet
130Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for 1U Server, Shepherd Hook Lever, Leadfree
1051429100 MOLEX1-1051429100_17 Datasheet
33Kb / 1P
   LGA 2011-0 Narrow ILM Assembly with ILM Cover
0475940179 MOLEX6-0475940179 Datasheet
328Kb / 3P
   1.01mm (.040") by 1.016mm (.040") Pitch LGA 1366 Processor Socket ILM Kit Assembly for Server, Straight Lever, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com