Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57C2916 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KS57C2916
Description  The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C2916 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KS57C2916 Datasheet HTML 7Page - Samsung semiconductor KS57C2916 Datasheet HTML 8Page - Samsung semiconductor KS57C2916 Datasheet HTML 9Page - Samsung semiconductor KS57C2916 Datasheet HTML 10Page - Samsung semiconductor KS57C2916 Datasheet HTML 11Page - Samsung semiconductor KS57C2916 Datasheet HTML 12Page - Samsung semiconductor KS57C2916 Datasheet HTML 13Page - Samsung semiconductor KS57C2916 Datasheet HTML 14Page - Samsung semiconductor KS57C2916 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
KS57C2916/P2916 MICROCONTROLLER
ELECTRICAL DATA
13-3
Table 13-2. D.C. Electrical Characteristics (Continued)
(TA = – 40 °C to + 85 °C, VDD = 2.2 V to 3.4 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input High
Leakage
Current
ILIH1
VI = VDD
All input pins except those
specified below for ILIH2
3
µA
ILIH2
VI = VDD
Xin, Xout and XTin
20
Input Low
Leakage
Current
ILIL1
VI = 0 V
All input pins except RESET
Xin, Xout and XTin
– 3
µA
ILIL2
VI = 0 V
RESET,
Xin, Xout and XTin
– 20
Output High
Leakage
Current
ILOH
VO = VDD
All output pins
3
µA
Output Low
Leakage
Current
ILOL
VO = 0 V
All output pins
– 3
µA
Pull-Up
Resistor
RL1
VI = 0 V; VDD = 3V
Ports 0, 1
50
100
200
k
RL2
VI = 0 V; VDD = 3V; RESET
200
450
800
LCD Voltage
Dividing
Resistor (1)
RLCD1
Ta = + 25
°C
50
100
150
k
RLCD2
Ta = + 25
°C
25
50
75
VDD-COMi
Voltage Drop
(i = 0–15)
VDC
VLCD = 3.0 V
– 15 µA per common pin
120
mV
VLCD-
SEGx
Voltage Drop
(x = 0–43)
VDS
VLCD = 3.0 V
– 15 µA per common pin
120
Middle Output
VLC0
VLC0 = 5.0 V
VLC0-0.2
VLC0
VLC0+0.2
V
Voltage (2)
VLC1
0.8VLC0-0.2
0.8VLC0 0.8VLC0+0.2
VLC2
0.6VLC0-0.2
0.6VLC0 0.6VLC0+0.2
VLC3
0.4VLC0-0.2
0.4VLC0 0.4VLC0+0.2
VLC4
0.2VLC0-0.2
0.2VLC0 0.2VLC0+0.2
NOTES:
1.
RLCD1 is LCD voltage dividing resistor when LCON.2 = "0", and RLCD2 when LCON.2 = "1".
2.
It is middle output voltage when 1/16 duty and 1/5 bias.


Similar Part No. - KS57C2916

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C21116 SAMSUNG-KS57C21116 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21124 SAMSUNG-KS57C21124 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21132 SAMSUNG-KS57C21132 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21418 SAMSUNG-KS57C21418 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
More results

Similar Description - KS57C2916

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com