Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

471521100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 471521100
Description  1.00mm (.039") Pitch HDMI* Cable Plug, Straight, Gold (Au) Plated Contacts, White Housing, 19 Circuits, Lead Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

471521100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  471521100 Datasheet HTML 1Page - Molex Electronics Ltd. 471521100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0471521100
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
1.00mm (.039") Pitch HDMI* Cable Plug, Straight, Gold (Au) Plated Contacts, White
Housing, 19 Circuits, Lead Free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
IDT and Solder Connectors
Series
47152
Crimp Quality Equipment
Yes
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI*
Use With
47152-400* after soldering to cable
Physical
Circuits (Loaded)
19
Circuits (maximum)
19
Color - Resin
White
Durability (mating cycles max)
10,000
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Thermoplastic Elastomer
Number of Rows
2
Packaging Type
Bag
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Solder or Weld
Wire Size AWG
26, 28, 30, 32
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
40V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47152-001
Sales Drawing
SD-47152-001
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47152Series
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 471521100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
47152E3 VISHAY-47152E3 Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com