Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57C5304 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KS57C5304
Description  The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C5304 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KS57C5304 Datasheet HTML 6Page - Samsung semiconductor KS57C5304 Datasheet HTML 7Page - Samsung semiconductor KS57C5304 Datasheet HTML 8Page - Samsung semiconductor KS57C5304 Datasheet HTML 9Page - Samsung semiconductor KS57C5304 Datasheet HTML 10Page - Samsung semiconductor KS57C5304 Datasheet HTML 11Page - Samsung semiconductor KS57C5304 Datasheet HTML 12Page - Samsung semiconductor KS57C5304 Datasheet HTML 13Page - Samsung semiconductor KS57C5304 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
PRODUCT OVERVIEW
KS57C5204/C5208/P5208/C5304/C5308/P5308/C5312/P5312
1-10
Table 1-2. KS57C5304/C5308/C5312 Pin Descriptions (Continued)
Pin Name
I/O
Type
Description
Pin
Number
Share
Pin
Circuit
Type
DTMF
O
DTMF output.
22 (23)
G-6
INT0
I
External interrupt input.
The triggering edge for INT0 is selectable.
23 (25)
P1.0
A-3
TCLO0
I/O
Timer/counter 0 clock output
24 (26)
P2.0
D-2
TCLO1
I/O
Timer/counter 1 clock output
25 (27)
P2.1
D-2
CLO
I/O
Clock output
26 (28)
P2.2
D-2
BUZ
I/O
2 kHz, 4 kHz, 8 kHz, or 16 kHz frequency output at the
watch timer clock frequency of 4.19 MHz for buzzer
sound
27 (29)
P2.3
D-2
TCL0
I/O
External clock input for timer/counter 0
28 (30)
P3.0
D-4
TCL1
I/O
External clock input for timer/counter 1
29 (31)
P3.1
D-4
BTCO
I/O
Basic timer clock output
5 (5)
P4.0
E-2
VDD
Power supply
30 (32)
VSS
Ground
1 (1)
XIN
XOUT
Crystal, or ceramic oscillator signal for main system
clock. (For external clock input, use XIN and input XIN's
reverse phase to XOUT)
3 (3)
2 (2)
NC
No connection
(9, 24)
TEST
Chip test input pin, Hold GND when the device is
operating.
4 (4)
RESET
RESET
signal
7 (7)
B
KS0-KS3
KS4-KS7
I/O
Quasi-interrupt inputs with falling edge detection
14-17
(15-18)
18-21
(19-22)
P6.0-P6.3
P7.0-P7.3
D-4
NOTE: Parentheses indicate the pin number for 32-SOP package.


Similar Part No. - KS57C5304

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C5404 SAMSUNG-KS57C5404 Datasheet
228Kb / 28P
   The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable Micro
KS57C5532 SAMSUNG-KS57C5532 Datasheet
363Kb / 38P
   The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
KS57C5616 SAMSUNG-KS57C5616 Datasheet
357Kb / 42P
   The KS57C5616/P5616 single-chip CMOS microcontroller is designed for high performance in the application for Caller-ID, Telephone using Samsungs newes
More results

Similar Description - KS57C5304

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com